Part Number Hot Search : 
EA09206 29F04 28C65 UZ4215 UCN5800 7C65630 NL1027 SKKH92
Product Description
Full Text Search
 

To Download IX2701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IX2701 MFP
Document Delivery Printing Copying Scanning Document Management Fleet Administration Fleet Financing Supplies National Sales and Service
EASY AS 1-2-3
Do you feel as though every time you're promised that the latest technology is going to make things easier... the opposite turns out to be true?
Then it's time to get back to basics Imagistics makes your life easier - with world-class, network friendly products backed by direct nationwide sales and service. The IX2701 MFP lets you streamline your office document workflow effortlessly. Print, copy and scan with one powerful multifunctional device that's not only easy to use - but easy on your bottom line.
Versatility of a flatbed scanner Easy to Print for copying and scanning. Retire that old standalone printer and welcome the multifunctional IX2701 MFP into your work area. Its 17 ppm print speed and crystal-clear 600 dpi resolution may help you increase your print production by as much as 20%... standard PCL6(R) and PostScript(R) 3 print emulation and automatic duplexing give you even greater print capabilities.
Easy to Copy With its 8.5" x 14" platen, your office area can have all the benefits of convenience digital copying. And with a 17 cpm copy speed and a 50-page automatic document feeder, it's never been simpler to save time and money while increasing performance and productivity. Easy to Scan Scanning has never been such a snap. With the color and monochrome scanning capabilities of the IX2701 MFP, you can attach documents to your e-mail, create electronic files, or scan documents to your desktop for editing, all with fingertip ease. And with an array of scanning options, you'll wonder how you ever got by without it!
IX2701 MFP shown with optional 250-sheet cassette
AT A GLANCE
PRINTER
17 ppm Print Speed 600 dpi Resolution PCL6(R) and PostScript(R) Print Emulation Windows and Macintosh Print Drivers Bundled Software (Print and Scan) Automatic Duplex (2-Sided) Printing Parallel and USB 2.0 PC Interfaces Internal Network Interface Option
(R) (R)
COPIER
17 cpm Copy Speed 600 dpi Resolution 50-Sheet Automatic Document Feeder Collating of Up to 99 Pages Maximum 550 Sheet Paper Capacity Reduction/Enlargement of 25% to 400% in 1% Increments Book Copying - 8.5" x 14" Platen Sorting
SCANNER
Color and Monochrome Scanning TWAIN Compliant Letter/Legal Scan Size Up to 600 x 2400 dpi Resolution 256 Grayscale Scan-To E-Mail (as attachment) Scan-to File Scan-to OCR
General Specifications
Configuration: Print Method: Print Speed (Maximum): Scan Speed (Maximum): Resolution: Document Memory: Memory Battery Back-Up: Digital Copier, Printer & TWAIN Scanner with Optional Network Print Interface Laser, Dry Mono-Component Toner 17 ppm (Letter-Size; Portrait) Less than 2 spp 600 dpi 32 MB Shared - Standard 4 Days
Physical
Dimensions (W x D x H): Weight: Supplies: 20.9" x 17.5" x 18.5" (Standard Configuration) 39.9 Lbs. (Standard Configuration) Easily Installed, High-Volume Toner Cartridge and Drum Unit
Printer Features and Specifications
17 ppm 600 x 600 dpi Standard Resolution 2400 x 600 dpi Maximum Resolution 32/64/128 MB Printer Memory Options Auto Duplex ERP - SAP only CITRIX (All Windows(R) OS as Client &
2000 as Server in Client/Server environment)
Document Input
ADF Capacity: Min/Max Original Size (W x L): Platen Size: Original Type: Original Thickness (Maximum): Scan Method: Scan Width (Maximum): Halftone: Contrast Control: 50 Sheets (20 Lb.; Letter-Size) Input Width: 5.8" x 8.5" Input Length: 3.9" x 157.4" 8.5" x 14" Sheet - ADF Up to 32 Lbs. - Single Sheet 17-24 Lbs. - Multi-Sheet Flatbed CCD (Charge Couple Device) 8.2" 256 Levels for Scanning Automatic, Super Light, Super Dark (3 Settings)
Network Printer Interface w/NIC Option Parallel or USB 2.0 PC Interface PCL6(R), PostScript(R) 3 Emulation and GDI Printing Print Drivers: Windows(R) 95/98/2000/Me/XP/NT 4.0 MacOS 8.6/9.2/10.1/10.2.1 or Greater Microsoft(R) WHQL Certified Watermarks (Windows(R) 9x and NT)
Copier Features and Specifications
17 cpm 8.5" x 14" Platen 600 x 600 dpi Standard Resolution 1200 x 600 dpi Interpolated Max. Resolution 50-Page Automatic Document Feeder Auto, Text, Photo Modes Collating (99 Pages) Combine (2 in 1: 4 in 1) Digital Scan-Once/Print-Many Duplex First Copy Out Time: 12 Seconds Poster Mode Reduction/Enlargement: 25% to 400% in 1% increments Warm-Up Time: 18 Seconds
Document Output
Recording Paper Supply: 250-Sheet Cassette and 50-Sheet Bypass Tray - Standard 250-Sheet Cassette - Optional 550 Sheets Maximum Cassette - Letter, Legal, A4, A5, B5, A6, Executive, B6 Bypass - Letter, Legal, A4, A5, B5, A6, Executive, B6, Postcards, Envelopes, Transparencies, Labels and Other Non-Standard Media 28 Lb. Maximum - Cassette 43 Lb. Maximum - Bypass 150 Sheets
Scan Features and Specifications
256 Level Grayscale Color & Monochrome Scanner Export Files: TIFF, BMP, MAX Image Scan Import Files: TIFF, BMP, PCX, DCX, MAX Interpolated Resolution: 9600 x 9600 dpi OCR: ScanSoftTM TextBridge(R) Optical Resolution: 2400 x 600 dpi Maximum Scanner Driver: ScanSoftTM Scan-to E-Mail TWAIN Compliant Viewer Application: ScanSoftTM PaperPort(R)
Recording Paper Size:
Recording Paper Weight: Output Tray Capacity:
PC and LAN Connectivity
Printer Interfaces: Operating System: Parallel Port or USB 2.0 enables 17 ppm PCL6(R), PostScript(R) 3 Emulation and GDI Printing Windows(R) 95/98/2000/Me/XP/NT 4.0 MacOS 8.6/9.2/10.1/10.2.1 or Greater Windows(R) 95/98/2000/Me/XP/NT 4.0 MacOS 8.6/9.2/10.1/10.2.1 or Greater
Operating Environment
Power Requirements: Energy Saver Mode: Temperature: Humidity: Power Consumption: 120 VAC 10%, 50-60 Hz Yes (Energy Star Compliant) 50-90.5 F (10-32.5 C) 20-80% Sleep Mode - 15 Watts or Less; Standby - 75 Watts or Less; Maximum - 1090 Watts or Less
Print Drivers:
Optional Accessories
32/64/128 MB Printer Memory 250-Sheet Paper Cassette
Business Solutions for Office Documents
Imagistics is a nationwide direct sales and service organization offering high performance, award winning multifunctional office products that deliver proven workplace productivity solutions. Our company owned and trained service gives you National reach with a local feel and rapid response from highly trained professionals. Imagistics' 24/7 Digital Help Desk and Diagnostic Center, coupled with proactive Value-Added Maintenance deliver an impressive 98% average fleet uptime. Imagistics provides best-of-class, cost effective enterprise office document solutions. We take the time necessary to learn about you and your company, anticipate your needs and deliver high-value competitive products with bottom-line results.
Cabinet Stand NIC (Network Interface Card)
All other terms and product names may be trademarks or registered trademarks of their respective owners and are hereby acknowledged. Specifications subject to change without notice.
Imagistics International Inc. 100 Oakview Drive Trumbull, CT 06611 800.677.7711 800.446.0760 Fax www.imagistics.com
As an ENERGY STAR partner, Imagistics International Inc. has determined that this product meets the ENERGY STAR guidelines for efficiency.
Copyright 2003, Imagistics International Inc. All Rights Reserved An Equal Opportunity Employer Printed October 2003 IM50148


▲Up To Search▲   

 
Price & Availability of IX2701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X